PART |
Description |
Maker |
MN101E01K MN101E01L MN101E01M |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C77C MN101C77A |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C70C MN101C70G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C93G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
UPD70F3217HGJ-UEN UPD70F3217HGJ-UEN-Y UPD70F3217HY |
144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1)
|
NEC
|
MN103S97N |
Microcomputer - 32bit - General Purpose
|
Panasonic
|
MN102L62G |
Microcomputer - 16bit - General Purpose From old datasheet system
|
Panasonic
|
MN103S65G |
Microcomputer - 32bit - General Purpose 4 K-byte SRAM
|
Panasonic Corporation
|